PART |
Description |
Maker |
IT3018 |
12.5 Gb/s high-gain receive limiter amplifier
|
Iterra
|
AT76C504A |
AT76C504A single-chip MAC and Baseband with low power ARM7TDMI?RISC processor (supports Antenna Diversity Algorithm, Automatic Receive Gain Control, Transmit Gain Control, Transmit Filter for Japanese Regulatory and Differential or Single 802.11b Baseband and Media Access Controller (MAC) for PCMCIA Bus
|
ATMEL[ATMEL Corporation]
|
AT76C505A |
802.11b Media Access Controller (MAC) and Baseband with USB Interface AT76C505A single-chip MAC and Baseband with low power ARM7TDMI?RISC processor (supports Antenna Diversity Algorithm, Automatic Receive Gain Control, Transmit Gain Control, Transmit Filter for Japanese Regulatory and Differential or Single
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
RF2637 RF2637PCBA |
IF Variable Gain Amplifier RECEIVE AGC AMPLIFIER
|
RFMD[RF Micro Devices] RF Micro Devices, Inc.
|
27C64-25E/P 27C64-25E/J 27C64-25E/TS 27C64-25E/SO |
330MHz, Gain of 1/Gain of 2 Closed-Loop Buffers Evaluation Kit for the MAX4159, MAX4259 High-Speed, Low-Distortion, Differential Line Receivers SOT23, Rail-to-Rail, Fixed-Gain, Gain Amps/Open-Loop Op Amps x8存储 x8 EPROM x8存储
|
Microchip Technology, Inc. TUSONIX, Inc.
|
2SD2318 2SD2318V |
High-current gain Power Transistor (-60V/ -3A) Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset High-current gain Power Transistor(60V/ 3A) High-current gain Power Transistor(60V, 3A)
|
Rohm CO.,LTD.
|
LD7215D LD7215 LD7215C |
6 GHz, 3 kW, HELIX TYPE, PPM FOCUSING, HIGH POWER GAIN, FLAT GAIN VARIATION
|
NEC[NEC]
|
AGB3304 AGB3304_REV_0.0 AGB3304S24Q1 |
50 High IP3 Low Noise Wideband Gain Block Gain Block Amplifiers From old datasheet system 50з High IP3 Low Noise Wideband Gain Block
|
ANADIGICS[ANADIGICS, Inc]
|
MAX3804 MAX3804ETE |
12.5Gbps Settable Receive Equalizer SPECIALTY TELECOM CIRCUIT, QCC16 12.5Gbps Settable Receive Equalizer 12.5Gbps可设置接收均衡器
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
BPD-HQA33-TRB |
PHOTO DIODE ROHS COMPLIANT PACKAGE-2 High output and fast response Wide angle to receive lights.
|
American Bright Optoelectronics, Corp. Bright LED Electronics Corp.
|
BC847PN Q62702-C2374 BC847PNQ62702C2374 Q62702-C15 |
PNP Silicon AF Transistors (For general AF applications High collector current High current gain) TRANSISTOR SOT363 NPN/PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage) From old datasheet system
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
LD7213L LD7213 |
14 GHz / 300 W CW / CONDUCTION COOLING / HIGH POWER GAIN / FLAT GAIN VARIATION 14 GHz, 300 W CW, CONDUCTION COOLING, HIGH POWER GAIN, FLAT GAIN VARIATION
|
NEC Corp. NEC[NEC]
|